PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
FGAF40N60UFTU FGAF40N60UFTUNL |
Ultrafast IGBT; Package: TO-3PF; No of Pins: 3; Container: Rail 40 A, 600 V, N-CHANNEL IGBT Ultrafast IGBT 40 A, 600 V, N-CHANNEL IGBT
|
Fairchild Semiconductor, Corp.
|
IRGBC30KD2 |
600V Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
|
IRF[International Rectifier]
|
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGP30B60KD-E IRGP30B60KD-EP |
600V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4IBC10UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4IBC20UD IRG4IBC20UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
GA75TS120U GA75TS120UPBF |
Ultra-FastTM Speed IGBT 1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package 75 A, 1200 V, N-CHANNEL IGBT
|
IRF[International Rectifier]
|
FGA40N60UFDTU FGA40N60UFDTUNL |
Ultrafast IGBT; Package: TO-3P; No of Pins: 3; Container: Rail 40 A, 600 V, N-CHANNEL IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
CPU165MK |
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
|
IRF[International Rectifier]
|
IRG4PC50UPBF |
55 A, 600 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
|
International Rectifier
|